Part Number Hot Search : 
VSKDS403 SBL10 KBP02 MH1362 SS69R KA558 4ALVCH16 09SH3
Product Description
Full Text Search
 

To Download SMA5105 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  134 i d -v ds characteristics (typical) i d -v gs characteristics (typical) r ds(on) -i d characteristics (typical) re (yfs) -i d characteristics (typical) r ds(on) -t c characteristics (typical) capacitance-v ds characteristics (typical) i dr -v sd characteristics (typical) safe operating area (soa) p t -t a characteristics characteristic curves SMA5105 (t a =25 c) symbol unit conditions v (br)dss 100 v i d =250 a, v gs =0v i gss 500 na v gs = 10v i dss 250 av ds =100v, v gs =0v v th 1.0 2.0 v v ds =10v, i d =250 a re ( yfs ) 3.1 4.5 s v ds =10v, i d =5a 0.27 0.30 ? v gs =10v, i d =2.5a 0.38 0.41 ? v gs =4v, i d =2.5a ciss 470 pf v ds =25v, f=1.0mhz, coss 130 pf v gs =0v t on 70 ns i d =5a, v dd 50v, v gs =5v, t off 50 ns see fig. 3 on page 16. v sd 1.2 2.0 v i sd =5a, v gs =0v t rr 330 ns i sd = 100ma (t a =25 c) symbol ratings unit v dss 100 v v gss 10 v i d 5a i d( pulse ) 10 ( pw 1ms )a e as *32mj i f 5 ( pw 0.5ms, du 25% )a i fsm 10 ( pw 10ms, single pulse )a v r 120 v 4 ( ta=25 c, with all circuits operating, without heatsink )w 28 ( tc=25 c, with all circuits operating, with infinite heatsink )w j C a 31.2 ( junction-air, ta=25 c, with all circuits operating ) c/w j C c 4.46 ( junction-case, tc=25 c, with all circuits operating ) c/w tch 150 c tstg C 40 to +150 c * : v dd =20v, l=2mh, i d =5a, unclamped, see fig. e on page 15. p t specification min typ max symbol unit conditions v r 120 v i r =10 a v f 1.0 1.2 v i f =1a i r 10 av r =120v t rr 100 ns i f = 100ma specification min typ max r ds(on) 1 2 5 4 6 3 8 9 12 11 10 7 02 10 8 6 0 v ds (v) i d (a) 468 4 2 10 v gs =2.5v 3.5v 4v 3v 10v 01234 i d (a) v gs (v) 8 6 0 4 2 10 5 (v ds =10v) 25 c 125 c t c = C 40 c 0 0 123 0.1 0.2 0.3 0.4 i d (a) r ds (on) ( ? ) 45 67 10 89 v gs =10v v gs =4v 0.3 0.05 0.5 1 1 5 10 i d (a) re (yfs) (s) 510 0.5 0.1 (v ds =10v) 25 c 125 c t c = C 40 c C 40 0 0 50 100 150 0.3 0.4 0.5 0.6 r ds (on) ( ? ) t c ( c) 0.2 0.1 (i d =2.5a) v gs =10v v gs =4v 0 1020 304050 50 500 2000 v ds (v) capacitance (pf) 1000 10 100 v gs =0v f=1mhz ciss coss crss 0 1.0 1.5 i dr (a) v sd (v) 0.5 8 6 0 4 2 10 4v 10v v gs =0v 0.5 0.1 1 5 10 50 10 0 1 5 20 i d (a) v ds ( v ) 0.5 10 (t c =25 c) 1ms 10 ms (1shot) 100 s lim ited r ds (on) i d (pulse) max 25 30 20 15 10 5 0 with silicone grease natural cooling all circuits operating 0 50 100 150 t a ( c) p t (w) w ith infinite heatsink without heatsink n-channel with built-in flywheel diode external dimensions b ? ? ? sma  equivalent circuit diagram absolute maximum ratings  diode for flyback voltage absorption (1 circuit) electrical characteristics


▲Up To Search▲   

 
Price & Availability of SMA5105

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X